PART |
Description |
Maker |
2SA1015 2SA1015-X-T92-B 2SA1015-X-T92-K 2SA1015G-X |
LOW FREQUENCY PNP AMPLIFIER TRANSISTOR 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
2SB1198 2SB1198K A5800312 2SB1198KQ |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | SC-59 From old datasheet system Low-frequency Transistor(-80V, -0.5A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low-frequency Transistor(-80V/ -0.5A)
|
ROHM[Rohm]
|
CSB1065 CSB1065N CSB1065R CSB1065P CSB1065Q |
10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 56 - 390 hFE. Complementary CSD1506 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 56 - 120 hFE. Complementary CSD1506N 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 180 - 390 hFE. Complementary CSD1506R 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 82 - 180 hFE. Complementary CSD1506P 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 120 - 270 hFE. Complementary CSD1506Q
|
Continental Device India Limited
|
2SB1578 2SB1578GB2 2SB1578GB1 2SB1578-GB3 |
5 A, 60 V, PNP, Si, POWER TRANSISTOR 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|43VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-243VAR 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|43VAR PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Low freq. power amp., medium-speed switching transistor
|
NEC, Corp. Panasonic Semiconductor
|
2SB819 |
Silicon PNP epitaxial planer type(For low-frequency output amplification) 1500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
L2SB1197KQLT1G11 L2SB1197KQLT3G L2SB1197KRLT3G |
Low Frequency Transistor PNP Silicon
|
Leshan Radio Company
|
MMBT1015-BL-AL3-R MMBT1015-GR-AC3-R MMBT1015-GR-AE |
LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
|
友顺科技股份有限公司 Unisonic Technologies
|
2SA1284 |
900mW Lead frame PNP transistor, maximum rating: -100V Vceo, -500mA Ic, 55 to 300 hFE. Complementary 2SC3244 FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
UTC2SA733 2SA733 |
LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
|
UTC[Unisonic Technologies]
|
KSA1175 KSA1175GTA KSA1175YBU KSA1175YTA |
PNP Epitaxial Silicon Transistor Low Frequency Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|